Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download PVR2300NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet no. pd10056 revg series pvr33npbf microelectronic power ic hexfet ? power mosfet photovoltaic relay dual-pole, normally-open 0-300v ac/dc, 165ma general description the pvr33 series ac/dc relay is a dual-pole, normally open, solid-state replacement for electromechanical relays used for general purpose switching of analog signals. it utilizes international rectifers hexfet power mosfets as the output switches, driven by an integrated circuit photovoltaic generator of novel construction. the output switch is controlled by radiation from a gaalas light emitting diode (led), which is optically isolated from the photovoltaic generator. the pvr33 series overcomes the limitations of both conventional electromechanical and reed relays by offering the solid state advantages of long life, fast operating speed, low pick up power, bounce-free operation, low thermal offset voltages and miniature package. these advantages allow product improvement and design innovations in many applications such as process control, multiplexing, automatic test equipment and data acquisition. the pvr33 can switch analog signals from thermocouple level to 300 volts peak ac or dc polarity. signal frequencies into the rf range are easily controlled and switching rates up to 350hz are achievable. the extremely small thermally generated offset voltages allow increased measurement accuracies. these relays are packaged in 16-pin, molded dip packages and available with thru-hole leads, in plastic shipping tubes. features ? bounce-free operation ? 10 10 off-state resistance ? 1,000 v/sec dv/dt ? 0.2 v thermal offset ? 5 ma input sensitivity ? 1,500 v rms i/o isolation ? solid-state reliability (hexfet is the registered trademark for international rectifer power mosfet s) applications ? process control ? data acquisition ? test equipment ? multiplexing and scanning part identifcation PVR2300NPBF pvr3300npbf pvr3301npbf www.irf.com 1
series pvr33npbf www.irf.com 2 electrical specifcations (-40c t a +85 c unless otherwise specifed ) general characteristics units dielectric strength: input-output 1500 v rms insulation resistance: input-output @ 500v dc 10 12 ? maximum capacitance: input-output 1.0 pf maximum lead soldering temperature (1.6mm below seating plane for 10 sec.) 260 c ambient temperature range: operating -40 to +85 c storage -40 to +100 input characteristics units minimum control current a connection (see fgure 1) dc for 170 continuous load current 2.0 ma@25c for 165 continuous load current 5.0 ma@40c for 130 continuous load current 5.0 ma@85c minimum turn-off current 10 a(dc) minimum turn-off voltage 0.6 v(dc) control current range (caution: current limit input led. see fgure 6) 2.0 to 25 ma(dc) maximum reverse voltage 6.0 v(dc) output characteristics pvr2300n pvr3300n, pvr3301n units operating voltage range 200 300 v (peak) maxiumum load current 40c i led = 5ma (see fgure 1) ac (a connection) 165 ma (peak) dc (b connection) 180 ma (dc) dc (c connection) 310 ma (dc) response time @25c (see fgures 7 and 8) maximum t(on) @ 12ma control, 100 ma load, 100 vdc 150 s maximum t(off) @ 12ma control, 100 ma load, 100 vdc 125 s maximum on-state resistance 25c (pulsed) (fg. 2) 50 ma load, 5ma control ac (a connection) 24 ? dc (b connection) 12 ? dc (c connection) 6 ? minimum off-state resistance 25c @ 160 vdc pvr2300, pvr3300 10 8 ? @ 240 vdc pvr3301 10 10 ? maximum thermal offset voltage @ 5.0ma control 0.2 volts minimum off-state dv/dt 1000 v/s typical output capacitance (see fgure 9) 6 pf @ 50vdc international rectifer does not recommend the use of this product in aerospace, avionics, military or life support applications. users of this international rectifer product in such applications assume all risks of such use and indemnify international rectifer against all damages resulting from such use.
series pvr33npbf www.irf.com 3 figure 4. typical on-characteristic c connection v dd (volts) load current (ma) figure 1. current derating curve rd(on) (normalized to 25 o c) ambient temperature (c) figure 2. typical on-resistance 5 m a c on tr ol l d = 50 ma figure 3. typical on-characteristic a connection 0 pu ls ed , 2 5o c a c on ne ct io n i le d = 5 ma , f or ce d a ir 25 o c 40 o c 60 o c 85 o c load current (ma) v dd (volts) pu ls ed , 2 5o c i le d = 5 ma , f or ce d a ir c c on ne ct io n 25 o c 40 o c 60 o c 85 o c 300 250 200 150 100 50 0 max. load current (ma) ambient temperature (c) b c on ne ct ion c c on ne ct ion a c on ne ct ion i le d = 5 ma 400 350 300 250 200 150 100 50 0 0 20 40 60 80 100 700 600 500 400 300 200 100 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
series pvr33npbf www.irf.com 4 figure 7.typical delay times figure 8. delay time defnitions iled (ma) delay time ( s) figure 6. input characteristics (current controlled) input current (ma) led forward voltage drop (volts dc) idoff/idoff 25c figure 5. typical normalized off-state leakage ambient temperature (c) 10 10 0 10 00 0 5 10 15 20 to n td ly to ff m i n . d e v i c e a n d + 8 5 o c l i m i t m a x . d e v i c e a n d - 4 0 o c l i m i t ca ut io n: pr ovid e c ur re nt li mi ting so th a t 25 ma ma xi mu m st ea dy -s ta te co nt ro l c ur re nt is no t e xc ee de d. t y p i c a l 0 0 .5 1. 0 1 .5 2. 0 20 16 12 8 4 0 min. device and +85 o c limit max. device and - 40 o c limit caution: provide current limiting so that 25ma maximum steady-state control current is not exceeded. typical 0 0.5 1.0 1.5 2.0 20 16 12 8 4 0
series pvr33npbf www.irf.com 5 wiring diagram schematic diagram figure 9. typical output capacitance vdd drain-to-drain voltage typical capacitance (pf) 0 20 40 60 80 10 0 12 0 14 0 16 0 18 0 0 1 0 2 0 3 0 4 0 5 0 c c on ne ct io n a c on ne ct io n anode drain (1/8) source (14/11) (16/9) (3/5) cathode drain (pole1/pole 2) (4/6)
series pvr33npbf www.irf.com 6 ir world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 data and specifcations subject to change without notice. 2/2008 case outline 01-2012 00


▲Up To Search▲   

 
Price & Availability of PVR2300NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X